PART |
Description |
Maker |
CZRA5930B-G CZRA5926B-G CZRA5921B-G CZRA5925B-G CZ |
Zener Diodes, P-D=1.5Watts, V-Z=16V Zener Diodes, P-D=1.5Watts, V-Z=11V Zener Diodes, P-D=1.5Watts, V-Z=6.8V Zener Diodes, P-D=1.5Watts, V-Z=10V Zener Diodes, P-D=1.5Watts, V-Z=68V Zener Diodes, P-D=1.5Watts, V-Z=39V Zener Diodes, P-D=1.5Watts, V-Z=56V Zener Diodes, P-D=1.5Watts, V-Z=91V Zener Diodes, P-D=1.5Watts, V-Z=9.1V Zener Diodes, P-D=1.5Watts, V-Z=75V Zener Diodes, P-D=1.5Watts, V-Z=51V Zener Diodes, P-D=1.5Watts, V-Z=33V Zener Diodes, P-D=1.5Watts, V-Z=24V Zener Diodes, P-D=1.5Watts, V-Z=43V Zener Diodes, P-D=1.5Watts, V-Z=47V Zener Diodes, P-D=1.5Watts, V-Z=36V Zener Diodes, P-D=1.5Watts, V-Z=7.5V Zener Diodes, P-D=1.5Watts, V-Z=15V Zener Diodes, P-D=1.5Watts, V-Z=8.2V Zener Diodes, P-D=1.5Watts, V-Z=27V Zener Diodes, P-D=1.5Watts, V-Z=82V Zener Diodes, P-D=1.5Watts, V-Z=100V Zener Diodes, P-D=1.5Watts, V-Z=62V
|
Comchip Technology
|
AZ23C3V0 AZ23C2V7 AZ23C AZ23C3V6 AZ23C6V8 TDSL110 |
surface mount silicon Zener diodes 表面贴装硅稳压二极管 From old datasheet system 300 mW Dual Surface Mount Zener Diodes
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix] TFUNK[Vishay Telefunken]
|
ACZRA4729-HF ACZRA4728-HF ACZRA4730-HF ACZRA4751-H |
Halogen Free Zener Diodes, P-D=1Watts, V-Z=3.6V Halogen Free Zener Diodes, P-D=1Watts, V-Z=3.3V Halogen Free Zener Diodes, P-D=1Watts, V-Z=3.9V Halogen Free Zener Diodes, P-D=1Watts, V-Z=30V Halogen Free Zener Diodes, P-D=1Watts, V-Z=33V Halogen Free Zener Diodes, P-D=1Watts, V-Z=4.3V Halogen Free Zener Diodes, P-D=1Watts, V-Z=39V Halogen Free Zener Diodes, P-D=1Watts, V-Z=43V Halogen Free Zener Diodes, P-D=1Watts, V-Z=4.7V Halogen Free Zener Diodes, P-D=1Watts, V-Z=5.1V Halogen Free Zener Diodes, P-D=1Watts, V-Z=5.6V Halogen Free Zener Diodes, P-D=1Watts, V-Z=6.2V Halogen Free Zener Diodes, P-D=1Watts, V-Z=6.8V Halogen Free Zener Diodes, P-D=1Watts, V-Z=7.5V Halogen Free Zener Diodes, P-D=1Watts, V-Z=8.2V Halogen Free Zener Diodes, P-D=1Watts, V-Z=9.1V Halogen Free Zener Diodes, P-D=1Watts, V-Z=10V Halogen Free Zener Diodes, P-D=1Watts, V-Z=11V Halogen Free Zener Diodes, P-D=1Watts, V-Z=13V Halogen Free Zener Diodes, P-D=1Watts, V-Z=15V Halogen Free Zener Diodes, P-D=1Watts, V-Z=16V Halogen Free Zener Diodes, P-D=1Watts, V-Z=18V Halogen Free Zener Diodes, P-D=1Watts, V-Z=20V Halogen Free Zener Diodes, P-D=1Watts, V-Z=22V Halogen Free Zener Diodes, P-D=1Watts, V-Z=24V Halogen Free Zener Diodes, P-D=1Watts, V-Z=36V Halogen Free Zener Diodes, P-D=1Watts, V-Z=47V Halogen Free Zener Diodes, P-D=1Watts, V-Z=51V Halogen Free Zener Diodes, P-D=1Watts, V-Z=82V Halogen Free Zener Diodes, P-D=1Watts, V-Z=68V Halogen Free Zener Diodes, P-D=1Watts, V-Z=91V
|
Comchip Technology
|
1N3040B 1N3020B 1N3031B 1N3016B 1N3021B 1N3045B 1N |
surface mount silicon Zener diodes 表面贴装硅稳压二极管 1 Watt Zener Diodes(1W齐纳二极 1瓦齐纳二极管W的齐纳二极管 1 Watt Zener Diodes(1W齐纳二极 1瓦齐纳二极管1W的齐纳二极管 Zener Voltage Regulator Diode
|
Microsemi, Corp. Atmel, Corp. CDI-DIODE[Compensated Deuices Incorporated] Compensated Devices Incorporated
|
1N5226B 1N5242B 1N5241B 1N5253B 1N5244B 1N5248B 1N |
Leaded Zener Diode General Purpose 110 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 120 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 surface mount silicon Zener diodes 91 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 surface mount silicon Zener diodes 15 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 surface mount silicon Zener diodes 140 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 surface mount silicon Zener diodes 5.6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 surface mount silicon Zener diodes 3.6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 surface mount silicon Zener diodes 28 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 surface mount silicon Zener diodes 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 FKC 2.5/2-STF ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL/ 5% TOLERANCE ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500ML, 5% TOLERANCE ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL 5% TOLERANCE 75 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp] Central Semiconductor C...
|
ZMY20G ZMY22G ZMY24G ZMY27G ZMY4.3G ZMY4.7G ZMY43G |
Surface mount Silicon-Zener Diodes (planar technology) Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:23-21 1302 RECALIBRATED BY NEWARK INONE SERVICES Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:25mA; Current, It av:16A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes surface mount silicon Zener diodes 5.1 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB surface mount silicon Zener diodes 硅表面贴装齐纳二极管 surface mount silicon Zener diodes 9.05 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB
|
Diotec Elektronische DIOTEC[Diotec Semiconductor] Diotec Semiconductor AG http://
|
1N4480 1N4481 1N4482 1N4483 1N4484 1N4485 1N4486 1 |
Zener-Diode 0.5W, 5%, DO-35 RoHS Compliant: Yes surface mount silicon Zener diodes 7.5 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 51 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 30 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 15 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 62 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE TVFKCL 1,5/ 4-ST TVFKCL 1,5/ 3-ST 1.5 WATT GLASS ZENER DIODES 1.5 WTT GLASS ZENER DIODES Zener Voltage Regulator Diode
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
BZD27C56P BZD27C20P BZD27C150P BZD27C7V5P BZD27C3V |
surface mount silicon Zener diodes 表面贴装硅稳压二极管 Zener Diodes with Surge Current Specification
|
Vishay Intertechnology, Inc. http://
|
ZMM5223B ZMM5225B ZMM5232B ZMM5234B ZMM5237B ZMM52 |
500mW SURFACE MOUNT ZENER DIODE surface mount silicon Zener diodes 表面贴装硅稳压二极管
|
Diodes Inc. http:// DIODES[Diodes Incorporated] General Semiconductor Diodes, Inc.
|
DDZ9678 DDZ9681 DDZ9678-7 DDZ9690 DDZ9700 DDZ9711 |
Discrete - Diodes - Zener Diodes SURFACE MOUNT LOW CURRENT ZENER DIODE
|
Diodes Incorporated
|
1N4728 1N4734 1N4730 1N4729 1N4740 1N4731 1N4764 1 |
1W SILICON PLANAR ZENER DIODES surface mount silicon Zener diodes 75 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 13 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 SQ ET HR MTR,208/240V,NONRESET - YOKOGAWA RoHS Compliant: NA 62 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 1.0 Watt Zener Diode 3.3 to 100 Volts
|
Chenyi Electronics Surge Components, Inc. Micro Commercial Components, Corp. Micro Commercial Components Corp. MCC[Micro Commercial Components] Micro Commercial Compon...
|
CMSZDA5V6 CMSZDA9V1 CMSZDA10V CMSZDA11V CMSZDA12V |
SMD Zener Diode Single: Standard From old datasheet system SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS surface mount silicon Zener diodes 2.565 V, 0.275 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 3 V, 0.275 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
|